Part Number Hot Search : 
LS3036 KSE45H10 L080TR1 D1762 XB0808P KA3843 DG413 LS3036
Product Description
Full Text Search
 

To Download MM5ZB27H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Zowie Technology Corporation
MM5Z2B4H~MM5ZB75H
SILICON PLANAR ZENER DIODES Lead free product
Halogen - free type
Features * Power Dissipation: 200 mW * Zener Voltage Tolerance: 2%
1
PINNING PIN 1 2 DESCRIPTION Cathode Anode
2
Top View Simplified outline SOD-523 and symbol
Absolute Maximum Ratings (Ta = 25 OC) Parameter
Total Device Dissipaton Junction Temperature Storage Temperature Range
Symbol Ptot Tj TS
Value 200 150 - 55 to + 150
Unit mW
O
C C
O
Characteristics at Ta = 25 OC
Parameter Thermal Resistance Junction to Ambient Air Forward Voltage at IF = 10 mA Symbol RJA VF Max. 635 0.9 Unit
O
C/W V
REV. 0
Zowie Technology Corporation
Zowie Technology Corporation
MM5Z2B4H~MM5ZB75H
Type MM5Z2B4H MM5Z2B7H MM5Z3B0H MM5Z3B3H MM5Z3B6H MM5Z3B9H MM5Z4B3H MM5Z4B7H MM5Z5B1H MM5Z5B6H MM5Z6B2H MM5Z6B8H MM5Z7B5H MM5Z8B2H MM5Z9B1H MM5ZB10H MM5ZB11H MM5ZB12H MM5ZB13H MM5ZB15H MM5ZB16H MM5ZB18H MM5ZB20H MM5ZB22H MM5ZB24H MM5ZB27H MM5ZB30H MM5ZB33H MM5ZB36H MM5ZB39H MM5ZB43H MM5ZB47H MM5ZB51H MM5ZB56H MM5ZB62H MM5ZB68H MM5ZB75H
1)
Marking Code XY XZ FR FX FY FZ HA HB HC HD HE HF HH HJ HK HM HN HP HR HX HY HZ JA JB JC JD JE JF JH JJ JK JM YA YB YC YD YE
Zener Voltage Range 1) Vznom V 2.4 2.7 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24 27 30 33 36 39 43 47 51 56 62 68 75 lZT mA 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 for VZT V 2.352...2.448 2.646...2.754 2.94...3.06 3.234...3.366 3.528...3.672 3.822...3.978 4.214...4.386 4.606...4.794 4.998...5.202 5.488...5.712 6.076...6.324 6.664...6.936 7.35...7.65 8.036...8.364 8.918...9.282 9.8...10.2 10.78...11.22 11.76...12.24 12.74...13.26 14.7...15.3 15.68...16.32 17.64...18.36 19.6...20.4 21.56...22.44 23.52...24.48 26.46...27.54 29.4...30.6 32.34...33.66 35.28...36.72 38.22...39.78 42.14...43.86 46.06...47.94 49.98...52.02 54.88...57.12 60.76...63.24 66.64...69.36 73.5...76.5
Dynamic Impedance ZZT (Max.)
Reverse Leakage Current IR (Max.) A 120 120 50 20 10 5 5 2 2 1 1 0.5 0.5 0.5 0.5 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 2 2 2 1 1 0.2 0.2 0.2 at VR V 1 1 1 1 1 1 1 1 1.5 2.5 3 3.5 4 5 6 7 8 9 10 11 12 13 15 17 19 21 23 25 27 30 33 36 39 43 47 52 57
100 110 120 130 130 130 130 130 130 80 50 30 30 30 30 30 30 35 35 40 40 45 50 55 60 70 80 80 90 100 130 150 180 180 200 250 300
at IZ mA 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 2 2 2 2 2 2 2 2 2 2 2 2
Tested with pulses tp = 20 ms.
300
Power Dissipation: Ptot (mW)
200
100
0 0 25 100 Ambient Temperature: Ta ( C)
O
150
Derating Curve
REV. 0
Zowie Technology Corporation


▲Up To Search▲   

 
Price & Availability of MM5ZB27H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X